PART |
Description |
Maker |
2N4392CSM |
Small Signal N-Channal J-FET In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(小信号N沟道结型场效应管(气密封口陶瓷表贴封装,高可靠性应用)) 小信号n -路通道J -在密封的六窑业表面贴装封装,高可靠性的应用场效应管(小信号沟道结型场效应管(气密封口陶瓷表贴封装,高可靠性应用) SMALL SIGNAL N.CHANNEL J.FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Unisonic Technologies Co., Ltd. SEME-LAB[Seme LAB] SemeLAB
|
2SA1586 |
High voltage and high current. Excellent hFE linearity. High hFE. Small package.
|
TY Semiconductor Co., Ltd
|
EHP-69-GT01C-P01-TR |
Small & compact package and with high efficiency
|
Everlight Electronics Co., Ltd
|
PS2801-1-F3 PS2801-1-V-F3 PS2801-1-15 |
High isolation voltage Small and thin package
|
Renesas Electronics Corporation
|
MCP3201-CI/SN MCP3201-CI/ST MCP3201-CI/P MCP3201-B |
The MCP3201 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... The MCP3201 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3201 features a successive approximation register (SAR)
|
Microchip
|
2N918CSM |
GENERAL PURPOSE/ SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS GENERAL PURPOSE, SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
SEME-LAB[Seme LAB] TT electronics Semelab, Ltd.
|
2SC3468 2SC3468L-D |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR LEAD FREE PACKAGE-3 HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
|
Unisonic Technologies Co., Ltd. UTC[Unisonic Technologies]
|
PS2911 PS2911-1-F3 PS2911-1-F4 |
NECs HIGH CTR / 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
|
ETC
|
MPSA92ML-T92-K MPSA92ML-T92-B MPSA92MG-T92-K MPSA9 |
800 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 LEAD FREE PACKAGE-3 800 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 HALOGEN FREE PACKAGE-3 HIGH VOLTAGE TRANSISTOR
|
Unisonic Technologies Co., Ltd.
|
BD2224G-LB BD2225G-LB |
1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
|
Rohm
|